Part Number Hot Search : 
K2538 BAT43 AM500 AS4PD BR3512 5KP10A SPLM393 GRM188R
Product Description
Full Text Search
 

To Download 2SD2081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Darlington
2SD2081
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=120V VEB=6V IC=10mA VCE=4V, IC=5A IC=5A, IB=5mA IC=5A, IB=5mA VCE=12V, IE=-0.5A VCB=10V, f=1MHz 2SD2081 10max 10max 120min 2000min 1.5max 2.0max 60typ 95typ V V MHz pF
13.0min
Equivalent circuit
B
C
(2k) (200) E
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SB1259) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SD2081 120 120 6 10(Pulse15) 1 30(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Driver for Solenoid, Motor and General Purpose
(Ta=25C) Unit
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
A
V
16.90.3 8.40.2
mA
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
2.54
3.9 BCE
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) 15
50
VCE( sat ) - IB Characteristics (Typical)
3
I C - VBE Temperature Characteristics (Typical)
10 (V C E= 4V)
1
A 0m
m
5mA
A
3mA
8 2 Collector Current I C (A)
Collector Current I C( A)
10
2m A
6
1mA
mp)
p) ase Tem 25C (C
2
IB=0.5mA
0
0
1
2
3
4
5
6
0
0.2
0.5
1
5
10
50
100 200
0
0
1
-30C (C
125C
1A
(Cas
5
0. 7m A
1
5A
ase Tem
e Te
4
p)
IC=10A
2
3
Collector-Emitter Voltage V C E( V)
Base Current I B( mA)
Base-Emittor Voltage V B E( V)
h FE - IC Characteristics (Typical)
(VCE=4V) 20000 10000 DC Cur rent Gain h F E 5000
hFE - IC Temperature Characteristics (Typical)
(VCE=4V) 20000 10000 DC Cur rent Gain h F E 5000
j - a( C/W)
j-a - t Characteristics
5
Typ
12
1000 500
5C
25 C
0C
1000 500
Transient Thermal Resistance
1
-3
0.5
100 50 30 0.03
100 50 30 0.03
0.1
0.5
1
5
10
0.1
0.5
1
5
10
0.2
1
10 Time t(ms)
100
1000
Collector Current I C( A)
Collector Current I C( A)
fT - IE Characteristics (Typical)
(VCE=12V) 120 30
Safe Operating Area (Single Pulse)
30
10 m
P c - T a Derating
Typ
100 Cut- off Fr equ ency f T( MH Z) Collector Curre nt I C( A) 10 5
1m
s
s
Maximu m Power Dissipa tion P C( W)
W ith
80
DC
20
In fin ite he
60
at
1 0.5 Without Heatsink Natural Cooling 0.1
si nk
40
10
20
Without Heatsink 2 5 10 50 100 200 0
0 -0.05 -0.1
-0.5
-1
-5
-10
0.05 3
0
25
50
75
100
125
150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
144


▲Up To Search▲   

 
Price & Availability of 2SD2081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X